|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
V621ME20-LF PHASE NOISE (1 Hz BW, typical) 9939 Via Pasar | San Diego, CA 92126 TEL: (858) 621-2700 | FAX: (858) 621-2722 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev A1 Applications * Earthstations * Satellite Modems * Handheld Phones Application Notes * AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering (f) (dBc/Hz) Voltage-Controlled Oscillator Surface Mount Module OFFSET (Hz) Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes Min 1670 Typ -106 -20 Max 1731 Units MHz dBc/Hz dBc 1 42 -6 -2.5 50 4 1 75 2 1 Vdc MHz/V dBm pF MHz/V MHz C -40 MINI-16-L Min Typ 5 22 85 Max 27 Units Vdc mA LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2 FRM-S-002 B Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ. 1800 1780 V621ME20-LF Rev A1 FREQUENCY (MHz) 1760 1740 1720 1700 1680 1660 1640 1620 1600 1580 0 0.5 1 1.5 2 2.5 3 3.5 4 85 C 25 C -40 C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint RECOMMENDED FOOTPRINT 5 4 3 2 1 0 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 1622 POWER OUTPUT (dBm) SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. 0.030 MIN. CUTBACK FROM LIVE PADS 1644 1664 1683 1701 1721 1741 1760 1779 FREQUENCY (MHz) 85 C 25 C -40 C Physical Dimensions PIN CONFIGURATION P1 P2 P3 REST Vt RF OUT Vcc GROUND H 0.220 0.160 0.130 0.100 0.085 Z-COMM XXXXXXXX-LF W/O# D/C PACKAGE MINI-16 MINI-16-LOW MINI-16-L MINI-16-UL MINI-16-EL NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B |
Price & Availability of V621ME20-LF |